Part Number Hot Search : 
4620D C7715 TP8472BP TPD1038 2N7002V TSOP6256 TPJRCUF CLE539W
Product Description
Full Text Search
 

To Download DDTC114GKA2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DDTC (R2-ONLY SERIES) KA
NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
* * * * * Epitaxial Planar Die Construction Complementary PNP Types Available (DDTA) Built-In Biasing Resistor, R2 only Lead Free/RoHS Compliant (Note 2) "Green" Device, Note 3 and 4
B G H K M A C BC
SC-59 Dim A B C D G H J K L M 2.90 0.013 1.00 0.35 0.10 0 Min 0.35 1.50 2.70 0.95 1.90 3.10 0.10 1.30 0.55 0.20 8 Max 0.50 1.70 3.00
NEW PRODUCT
Mechanical Data
* * * * * * * * * Case: SC-59 Case Material: Molded Plastic, "Green" Molding Compound, Note 4. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Copper leadframe). Terminal Connections: See Diagram Marking Information: See Table Below & Page 3 Ordering Information: See Page 3 Weight: 0.006 grams (approximate) P/N DDTC114GKA DDTC124GKA DDTC144GKA DDTC115GKA R2 (NOM) 10K 22K 47K 100K Type Code N26 N27 N28 N29
E
J
D
L
C B
R2
E SCHEMATIC DIAGRAM
All Dimensions in mm
Maximum Ratings
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation
@TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC (Max) Pd RJA Tj, TSTG Value 50 50 5 100 200 625 -55 to +150 Unit V V V mA mW C/W C
Characteristic
Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range
Notes: 1. 2. 3. 4.
Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. No purposefully added lead. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. Product manufactured with Date Code 0627 (week 27, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date Code 0627 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS30340 Rev. 6 - 2
1 of 3 www.diodes.com
DDTC (R2-ONLY SERIES) KA
(c) Diodes Incorporated
Electrical Characteristics
Characteristic Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage
@TA = 25C unless otherwise specified Symbol BVCBO BVCEO BVEBO ICBO Min 50 50 5 300 140 65 30 30 56 68 82 -30 Typ 250 Max 0.5 580 260 130 58 0.3 +30 Unit Test Condition V IC = 50A V IC = 1mA IE = 720A, DDTC114GKA IE = 330A, DDTC124GKA V IE = 160A, DDTC144GKA IE = 72A, DDTC115GKA A VCB = 50V A V % MHz VEB = 4V IC = 10mA, IB = 0.5mA IC = 5mA, VCE = 5V VCE = 10V, IE = -5mA, f = 100MHz
NEW PRODUCT
Collector Cutoff Current Emitter Cutoff Current Collector-Emitter Saturation Voltage DC Current Transfer Ratio Bleeder Resistor (R2) Tolerance Gain-Bandwidth Product*
* Transistor - For Reference Only
DDTC114GKA DDTC124GKA DDTC144GKA DDTC115GKA DDTC114GKA DDTC124GKA DDTC144GKA DDTC115GKA
IEBO VCE(sat) hFE R2 fT
Typical Curves - DDTC114GKA
VCE(SAT), MAXIMUM COLLECTOR VOLTAGE (V)
250 PD, POWER DISSIPATION (MILLIWATTS)
1
IC/IB = 10
200
0.1
75C -25C 25C
150
100
0.01
50
0 -50 0 50 100 TA, AMBIENT TEMPERATURE (C) Fig. 1 Derating Curve 150
0.001
0
20 30 40 10 IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
IE = 0mA
50
1,000 hFE, DC CURRENT GAIN (NORMALIZED)
VCE = 10
5
4 COB, CAPACITANCE (pF)
75C
3
100
2
1
10 1
0
10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC Current Gain
100
0
DS30340 Rev. 6 - 2
2 of 3 www.diodes.com
10 15 30 25 5 20 VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance DDTC (R2-ONLY SERIES) KA
(c) Diodes Incorporated
1,000 IC, COLLECTOR CURRENT (mA)
10
100
Vin, INPUT VOLTAGE (V)
10
NEW PRODUCT
1
1
0.1
0.01
0.001 0 1 6 7 8 9 5 3 4 Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current vs. Input Voltage 2 10
0.1 0 100 200 300 400 500 600 700 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
Ordering Information (Note 4 & 5)
Device DDTC114GKA-7-F DDTC124GKA-7-F DDTC144GKA-7-F DDTC115GKA-7-F
Notes:
Packaging SC-59 SC-59 SC-59 SC-59
Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX
XXX = Product Type Marking Code, See Table on Page 1 YM = Date Code Marking Y = Year ex: T = 2006 M = Month ex: 9 = September
Date Code Key Year Code Month Code Jan 1
YM
2006 T Feb 2
2007 U Mar 3 Apr 4
2008 V May 5 Jun 6
2009 W Jul 7
2010 X Aug 8 Sep 9
2011 Y Oct O Nov N
2012 Z Dec D
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30340 Rev. 6 - 2
3 of 3 www.diodes.com
DDTC (R2-ONLY SERIES) KA
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of DDTC114GKA2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X